Part Number Hot Search : 
1N4741 TIP29C LXT970A SA8507 2SC2983 00146 15KPA40A B80N06
Product Description
Full Text Search
 

To Download BC327 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dated : 27/12/2007 BC327?bc328 pnp silicon epitaxial planar transistor for switching and amplifier applications these types are subdivided into three groups -16, -25 and -40, according to their dc current gain. absolute maximum ratings (t a = 25 o c) parameter symbol BC327 bc328 unit collector base voltage -v cbo 50 30 v collector emitter voltage -v ceo 45 25 v emitter base voltage -v ebo 5 v collector current -i c 800 ma peak collector current -i cm 1 a total power dissipation p tot 625 mw junction temperature t j 150 o c storage temperature range t s - 55 to + 150 o c characteristics at t a = 25 o c parameter symbol min. typ. max. unit dc current gain at -v ce = 1 v, -i c = 100 ma current gain group at -v ce = 1 v, -i c = 300 ma -16 -25 -40 -16 -25 -40 h fe h fe h fe h fe h fe h fe 100 160 250 60 100 170 - - - - - - 250 400 630 - - - - - - - - - collector base cutoff current at -v cb = 45 v at -v cb = 25 v BC327 bc328 -i cbo - - - - 100 100 na collector base breakdown voltage at -i c = 100 a BC327 bc328 -v (br)cbo 50 30 - - - - v collector emitter breakdown voltage at -i c = 10 ma BC327 bc328 -v (br)ceo 45 25 - - - - v emitter base breakdown voltage at -i e = 100 a -v (br)ebo 5 - - v collector emitter saturation voltage at -i c = 500 ma, -i b = 50 ma -v ce(sat) - - 0.7 v base emitter on voltage at -v ce = 1 v, -i c = 300 ma -v be(on) - - 1.2 v gain bandwidth product at -v ce = 5 v, -i c = 10 ma, f = 50 mhz f t - 100 - mhz collector base capacitance at -v cb = 10 v, f = 1 mhz c cbo - 12 - pf 1. collector 2. base 3. emitter to-92 plastic package
dated : 27/12/2007 BC327?bc328


▲Up To Search▲   

 
Price & Availability of BC327

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X